Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5675 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5675
Description  Easy implementation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5675 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5675 Datasheet HTML 4Page - Analog Devices AD5675 Datasheet HTML 5Page - Analog Devices AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices AD5675 Datasheet HTML 10Page - Analog Devices AD5675 Datasheet HTML 11Page - Analog Devices AD5675 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 7 of 27
DAISY-CHAIN AND READBACK TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 4.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, VREF = 2.5 V, all specifications −40°C to +125°C, unless otherwise noted.
Table 5.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
120
83.3
ns
SCLK High Time
t2
33
25.3
ns
SCLK Low Time
t3
2.8
3.25
ns
SYNC to SCLK Falling Edge
t4
75
50
ns
Data Setup Time
t5
1.2
0.5
ns
Data Hold Time
t6
0.3
0.4
ns
SCLK Falling Edge to SYNC Rising Edge
t7
16.2
13
ns
Minimum SYNC High Time
t8
55.1
45
ns
SDO Data Valid from SCLK Rising Edge
t10
21.5
22.7
ns
SCLK Falling Edge to SYNC Rising Edge
t11
24.4
20.3
ns
SYNC Rising Edge to SCLK Rising Edge
t12
85.5
54
ns
1
Maximum SCLK frequency is 25 MHz or 15 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
Circuit Diagram and Daisy-Chain and Readback Timing Diagrams
200µA
IOL
200µA
IOH
VOH (MIN)
TO OUTPUT
PIN
20pF
CL
Figure 3. Load Circuit for Digital Output (SDO) Timing Specifications
t4
t5
t6
t8
SDO
SDI
SYNC
SCLK
48
24
DB23
DB0
DB23
DB0
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N + 1
INPUT WORD FOR DAC N
DB0
t11
t12
t10
Figure 4. Daisy-Chain Timing Diagram


Numéro de pièce similaire - AD5675

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675 AD-AD5675 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-RL AD-AD5675ACPZ-RL Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
More results

Description similaire - AD5675

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
   STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
STMicroelectronics
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
   This application note presents the implementation
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com