Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA152C-41 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA152C-41
Description  Primary dimension units are millimeters
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA152C-41 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA152C-41 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.77
1.56
0.2032
FRONT VIEW
1
2
18.00
16.00
14.00
1.00 typ
12.00
RoHS
RoHS
TOP VIEW
1
Substrate: 1.5875mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material. non clad
2
Pins: material- Brass Alloy 360 1/2 hard;
finish- 0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0254mm [±0.001"],
substrate thickness tolerance ±10%, all other tolerances ±0.127mm [±0.005"]
unless stated otherwise. Materials and specifications are subject to change without notice.
Description: 152 position BGA SMT land pattern to terminal pins (1.00mm centers, 13x17 array).
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 01/15/2015
Material: N/A
Finish: N/A
Weight: 0.92
LS-BGA152C-41 Drawing
SCALE: 4:1
SHEET: 1 OF 1
ENG: S. Faiz
FILE: LS-BGA152C-41 Dwg
DRAWN BY: M. Raske


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn