Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA1517A-41 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA1517A-41
Description  Materials and specifications are subject to change without notice
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1517A-41 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1517A-41 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Giga-snaP BGA SMT Land Socket
1517 position BGA surface mount land pattern to terminal pins (1.0mm [0.039"] centers, 39X39 array)
Status: Released
Drawing: S.Natarajan
Scale: 3:1
Rev: B
Date: 3/3/05
Modified: 4/18/05
File: LS-BGA1517A-41 Dwg
LS-BGA1517A-41 Drawing
2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters 0.03mm [0.001?], PCB perimeters 0.13mm [0.005?], PCB thicknesses 0.18mm [0.007"], pitches (from true position)
0.08mm [0.003"], all other tolerances 0.13mm [0.005?] unless stated otherwise. Materials and specifications are subject to change without notice.
1
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25m [10"] Au over 1.27m [50"] Ni (min.).
Substrate: 1.59mm 0.18mm [0.0625" 0.007"]
FR4/G10 or equivalent high temp material.
2
Top View
Side View
1
2
0.20mm [0.008"] 0.0005"
40.00mm
[1.575"]
1.00mm
[0.039"]
40.00mm
[1.575"]
1.00mm
[0.039"]
3.76mm
[0.148"]
38.00mm
[1.496"]
1.68mm
[0.066"]
1.00mm
[0.039"]


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn