Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC560CA3-0-BK-G Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BC560CA3-0-BK-G
Description  General Purpose PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC560CA3-0-BK-G Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BC560CA3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C306A3
Issued Date : 2017.02.09
Revised Date :
Page No. : 3 / 8
BC560CA3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
200uA
300uA
400uA
500uA
1mA
-IB=100uA
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
012
3456
-VCE, Collector-to-Emitter Voltage(V)
2.5mA
5mA
-IB=500uA
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
01
2
34
5
6
-VCE, Collector-to-Emitter Voltage(V)
4mA
6mA
20mA
-IB=2mA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
234
56
-VCE, Collector-to-Emitter Voltage(V)
10mA
15mA
25mA
50mA
-IB=5mA
Current gain vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
25℃
-40℃
125℃
-VCE=1V
Current gain vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
-40℃
25℃
125℃
-VCE=2V


Numéro de pièce similaire - BC560CA3-0-BK-G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC560C MOTOROLA-BC560C Datasheet
107Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC560C ONSEMI-BC560C Datasheet
84Kb / 4P
   Low Noise Transistors
1997
logo
Siemens Semiconductor G...
BC560C SIEMENS-BC560C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
ON Semiconductor
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Continental Device Indi...
BC560C CDIL-BC560C Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Description similaire - BC560CA3-0-BK-G

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com