Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB1580SM3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce BTB1580SM3
Description  PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1580SM3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  BTB1580SM3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB1580SM3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C655M3
Issued Date : 2017.01.26
Revised Date : 2017.02.02
Page No. : 1/8
BTB1580SM3
CYStek Product Specification
PNP Epitaxial Planar Transistor
BTB1580SM3
Description
The BTB1580SM3 is a PNP Darlington transistor, designed for use in general purpose amplifier and low
speed switching application. Pb-free package process is adopted.
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
BTB1580SM3-0-T2-G
SOT-89
(Pb-free lead plating and halogen-free package)
1000 pcs / Tape & Reel
BTB1580SM3
SOT-89
4K
B C E
B:Base
C:Collector
E:Emitter
Environment friendly grade : S for RoHS compliant products, G for RoHS
compliant and green compound products
Packing spec, T2 :1000 pcs/tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Numéro de pièce similaire - BTB1580SM3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1580SN3 CYSTEKEC-BTB1580SN3 Datasheet
452Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1580SN3-T1-G CYSTEKEC-BTB1580SN3-T1-G Datasheet
452Kb / 7P
   PNP Epitaxial Planar Transistor
More results

Description similaire - BTB1580SM3

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com