Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB095N10KRN3-0-T1-G Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce MTB095N10KRN3-0-T1-G
Description  100V N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRN3-0-T1-G Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  MTB095N10KRN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714N3
Issued Date : 2017.01.13
Revised Date :
Page No. : 5/9
MTB095N10KRN3
Preliminary
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
01
23
45
Qg, Total Gate Charge(nC)
ID=1.9A
VDS=50V
VDS=20V
VDS=80V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100
μs
RDS(ON)
Limited
TA=25°C, Tj=150°, VGS=10V
RθJA=100°C/W, Single Pulse
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=100°C/W


Numéro de pièce similaire - MTB095N10KRN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB095N10KRJ3 CYSTEKEC-MTB095N10KRJ3 Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB095N10KRJ3 DOINGTER-MTB095N10KRJ3 Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB095N10KRJ3-0-T3-G CYSTEKEC-MTB095N10KRJ3-0-T3-G Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - MTB095N10KRN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com