Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REJ03F0010_M61529FP Fiches technique(PDF) 17 Page - Hitachi Semiconductor

No de pièce REJ03F0010_M61529FP
Description  Audio Signal Processor with Surround
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

REJ03F0010_M61529FP Fiches technique(HTML) 17 Page - Hitachi Semiconductor

Back Button REJ03F0010_M61529FP Datasheet HTML 13Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 14Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 15Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 16Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 17Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 18Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 19Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 20Page - Hitachi Semiconductor REJ03F0010_M61529FP Datasheet HTML 21Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 17 of 23
(3) Equivalent circuit of vocal cut
CH1
CH2
ATT
Input
ATT
Gain Setting
Vocal Cut Output
Selector
Selector
Input
Tone control
Tone control
• Tone control cannot use at Vocal cut mode.
• Tone control can use only Bass & Treble mode. (Mid mode is 0dB fixed.)
Output difference of Tone control CH1 and CH2, The characteristic to cut only Middle part of Phase Input
Signal is realized.
• Characteristic curve example (Phase signal input CH1,CH2)
• A; CH1 bass = +8dB,Treble = +8dB
CH2 bass = +4dB,Treble = +4dB
• B; CH1bass = +8dB,Treble = +8dB
CH2bass = +4dB,Treble = +6dB
A
B


Numéro de pièce similaire - REJ03F0010_M61529FP

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
REJ03F0040_M61528FP HITACHI-REJ03F0040_M61528FP Datasheet
306Kb / 31P
   SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
REJ03F0041_M61532FP HITACHI-REJ03F0041_M61532FP Datasheet
245Kb / 15P
   8ch Electronic Volume with 9 Input Selector
More results

Description similaire - REJ03F0010_M61529FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
   AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
   Audio Signal Processor with Surround
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
   Audio Signal Processor with Surround
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
   AUDIO & VISUAL SURROUND PROCESSOR
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com