Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA300 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA300
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA300 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  OPA300 Datasheet HTML 1Page - Burr-Brown (TI) OPA300 Datasheet HTML 2Page - Burr-Brown (TI) OPA300 Datasheet HTML 3Page - Burr-Brown (TI) OPA300 Datasheet HTML 4Page - Burr-Brown (TI) OPA300 Datasheet HTML 5Page - Burr-Brown (TI) OPA300 Datasheet HTML 6Page - Burr-Brown (TI) OPA300 Datasheet HTML 7Page - Burr-Brown (TI) OPA300 Datasheet HTML 8Page - Burr-Brown (TI) OPA300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
D High Bandwidth: 150MHz
D 16-Bit Settling in 150ns
D Low Noise: 3nV/√Hz
D Low Distortion: 0.003%
D Low Power: 9.5mA (typ) on 5.5V
D Shutdown to 5µA
D Unity Gain Stable
D Excellent Output Swing:
(V+) − 100mV to (V−) + 100mV
D Single Supply: +2.7V to +5.5V
D Tiny Packages: SO-8 and SOT23
APPLICATIONS
D 16-Bit ADC Input Drivers
D Low-Noise Preamplifiers
D IF/RF Amplifiers
D Active Filtering
DESCRIPTION
The OPA300 and OPA301 high-speed, voltage-feed-
back, CMOS operational amplifiers are designed for
16-bit resolution systems. The OPA300 and OPA301
are unity-gain stable and feature excellent settling and
harmonic distortion specifications. Low power applica-
tions benefit from low quiescent current. The OPA300
features digital shutdown (Enable) function to provide
additional power savings during idle periods. Optimized
for single-supply operation, the OPA300 and OPA301
offer superior output swing and excellent common-
mode range.
The OPA300 and OPA301 have 150MHz of unity-gain
bandwidth, low 3nV/
√Hz voltage noise, and 0.1%
settling within 30ns. Single-supply operation from 2.7V
(
±1.35V) to 5.5V (±2.75V) and an available shutdown
function that reduces supply current to 5
µA are useful
for portable low-power applications. The OPA300 and
OPA301 are available in SO-8 and SOT-23 packages,
and are specified over the industrial temperature range
of −40
°C to +125°C.
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC
NC
−In
+In
V
OPA300
SO−8
NC = Not Connected
1
2
3
4
8
7
6
5
NC
V+
V
OUT
NC
NC
−In
+In
V
OPA301
SO−8
NC = Not Connected
1
2
3
6
5
4
V+
Enable
−In
Out
V
+In
OPA300
SOT23−6
1
2
3
5
4
V+
−In
Out
V
+In
OPA301
SOT23−5
Typical Application of the OPA300
OPA300
16-Bit
ADC
VIN
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
Low-Noise, High-Speed, 16-Bit Accurate, CMOS
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn