Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA300 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA300
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA300 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA300 Datasheet HTML 1Page - Burr-Brown (TI) OPA300 Datasheet HTML 2Page - Burr-Brown (TI) OPA300 Datasheet HTML 3Page - Burr-Brown (TI) OPA300 Datasheet HTML 4Page - Burr-Brown (TI) OPA300 Datasheet HTML 5Page - Burr-Brown (TI) OPA300 Datasheet HTML 6Page - Burr-Brown (TI) OPA300 Datasheet HTML 7Page - Burr-Brown (TI) OPA300 Datasheet HTML 8Page - Burr-Brown (TI) OPA300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
www.ti.com
4
TYPICAL CHARACTERISTICS
All specifications at TA = 25°C, V+ = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
NONINVERTING GAIN
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
−3
−9
−15
G= 2
G= 1
G= 5
G= 10
V
O =0.1VPP
R
F = 310Ω for G > 1
LARGE−SIGNAL STEP RESPONSE
Time (50ns/div)
LARGE−SIGNAL ENABLE/DISABLE RESPONSE
Time (100
µs/div)
Enable Pin
Amplifier
Output
INVERTING GAIN
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
−3
−6
−9
−12
−15
G=
−2
G=
−1
G=
−5
G=
−10
V
O =0.1VPPV
R
F = 310Ω for G > 1
Time (5ns/div)
SMALL−SIGNAL STEP RESPONSE
V
OUT
0.1dB GAIN FLATNESS FOR VARIOUS R
F
Frequency (MHz)
1M
10M
100M
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
R
F = 825Ω
Gain = 2
V
O =0.1VPP
R
F =450Ω
R
F =205Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn