Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9510-G112-J1F1-Z Fiches technique(PDF) 4 Page - ETAL Group

No de pièce 9510-G112-J1F1-Z
Description  Utility vehicles for hazardous goods
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETAL [ETAL Group]
Site Internet  http://www.etalgroup.com
Logo ETAL - ETAL Group

9510-G112-J1F1-Z Fiches technique(HTML) 4 Page - ETAL Group

  9510-G112-J1F1-Z Datasheet HTML 1Page - ETAL Group 9510-G112-J1F1-Z Datasheet HTML 2Page - ETAL Group 9510-G112-J1F1-Z Datasheet HTML 3Page - ETAL Group 9510-G112-J1F1-Z Datasheet HTML 4Page - ETAL Group 9510-G112-J1F1-Z Datasheet HTML 5Page - ETAL Group 9510-G112-J1F1-Z Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
4
2
Functional diagrams
Diagram 1
Type: BMS01-2120
switch on/off via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
10 s
ON
OFF
ON
OFF
active
passive
active
passive
Diagram 2
Type: BMS01-2121
with low voltage monitoring and automatic disconnection
control switch emergency
stop
battery isolation switch
control input pin 5
voltage monitoring
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
60 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
active
passive
U > 23.3 V
U < 22.8 V
Diagram 3
Type: BMS01-2123
with low voltage monitoring and signalisation via K14
and ON/OFF operation via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
control input pin 5
voltage monitoring
K14 aux. contact
tV
tN
9.5 s
10 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
U > 23.3 V
U < 22.8 V
active
passive


Numéro de pièce similaire - 9510-G112-J1F1-Z

FabricantNo de pièceFiches techniqueDescription
logo
ETAL Group
9510-G112-J1F1 ETAL-9510-G112-J1F1 Datasheet
180Kb / 4P
   Simulators.
More results

Description similaire - 9510-G112-J1F1-Z

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
   White Goods Lighting
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
   designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com