Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9510-G213-J3F1 Fiches technique(PDF) 1 Page - ETAL Group

No de pièce 9510-G213-J3F1
Description  Simulators.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETAL [ETAL Group]
Site Internet  http://www.etalgroup.com
Logo ETAL - ETAL Group

9510-G213-J3F1 Fiches technique(HTML) 1 Page - ETAL Group

  9510-G213-J3F1 Datasheet HTML 1Page - ETAL Group 9510-G213-J3F1 Datasheet HTML 2Page - ETAL Group 9510-G213-J3F1 Datasheet HTML 3Page - ETAL Group 9510-G213-J3F1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Simulator switch, magnetic operation 9510-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Technical data
Single pole, miniaturised aircraft simulator switch with extremely fast
magnetic trip time. Blade, screw and wire wrap terminals. Aircraft
style threadneck and push/pull button with white trip indicator ring.
Current rating marked on the push button according to customer’s
request by adhesive labels or marking inserts.
US patent number: US 7,038,562 B1
US patent number: US 6,490,141 B2 (moulded threadneck)
Simulators.
9510-...
Type No.
9510 switch with magnetic instantaneous trip for flight simulators
Mounting method and style
G threadneck mounting with standard push button
Threadneck design
1 M12x1x6.3
2 7/16-32UNx6.3
Number of poles
1 single pole
Accessories for threadneck
2 hex nut M12x1, aluminium, serrated lock washer ø12.1/ø17.2, fitted
3
hex nut 7/16-32UN (aluminium),
serrated lock washer 11.3/14.9, fitted
Terminal configuration
J screw terminals with inch thread
1 6-32UNC-2B, silver plated bent 45° inwards
3 6-32UNC-2B, silver plated, with socket, bent 45° inwards
P blade terminals
1 A6.3x0.8 DIN 46244, silver plated
W wire wrap terminal
4 pin size 1.2x1.2 EN 60352-1, gold plated, with socket
Rated voltage
F0
DC 24 V
F1
DC 28 V
Accessories (terminal screws)
B Phillips screw 6-32UNC-2Ax4.8 fitted
(MS 51957-25)
Z without accessories
Accessories (terminal washers)
0 without accessories
2 3.6 split washer fitted (MS 35338-136)
Internal circuit
R2 with logic diode
Colour of the push button
S black
A green, for marking insert
B black, for marking insert
0
without marking
1
hot-stamped marking, can be
read when locating pin is
above
9
without marking insert
Current ratings
0.5...150 A
9510 - G 2 1 3 - J 1 F1 - B 0 R2 S 1 - 5 A ordering example
Typical life
10,000 operations at rated voltage
Temperature range
-30...+60 °C (-22...+140 °F)
Insulation resistance
> 100 MΩ (DC 500 V)
Degree of protection
operating area IP40
(IEC 60529)
terminal area IP00
Vibration (sinusoidal)
3 g (57-500 Hz), ± 0.23 mm (10-57 Hz)
to DIN IEC 60068-2-6, test Fc
10 cycles/frequency axis
Shock
5 g (11 ms),
to DIN IEC 60068-2-27, test Ea
Humidity
240 hours at 95 % RH, 40 °C
to DIN IEC 60068-2-3, test Ca
Mass
23 g without hardware
26 g with hardware
Voltage rating (Other voltage
ratings upon request)
DC 24 V
DC 28 V
Trip current
< 170 mA
< 200 mA
Trip time
< 25 ms
< 25 ms
Min. switching voltage
at +23 °C/+73.4 °F
at +60 °C/+140 °F
DC 22 V
DC 24 V
DC 25 V
DC 28 V
Internal resistance
approx. 153 Ω
approx. 153 Ω


Numéro de pièce similaire - 9510-G213-J3F1

FabricantNo de pièceFiches techniqueDescription
logo
ETAL Group
9510-G213-J3F1-B ETAL-9510-G213-J3F1-B Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
9510-G213-J3F1-Z ETAL-9510-G213-J3F1-Z Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com