Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPSS250B Fiches technique(PDF) 11 Page - All Sensors Corporation

No de pièce FPSS250B
Description  FPS SERIES PRESSURE SENSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS250B Fiches technique(HTML) 11 Page - All Sensors Corporation

Back Button FPSS250B Datasheet HTML 3Page - All Sensors Corporation FPSS250B Datasheet HTML 4Page - All Sensors Corporation FPSS250B Datasheet HTML 5Page - All Sensors Corporation FPSS250B Datasheet HTML 6Page - All Sensors Corporation FPSS250B Datasheet HTML 7Page - All Sensors Corporation FPSS250B Datasheet HTML 8Page - All Sensors Corporation FPSS250B Datasheet HTML 9Page - All Sensors Corporation FPSS250B Datasheet HTML 10Page - All Sensors Corporation FPSS250B Datasheet HTML 11Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
All Sensors
DS-0329 Rev B
How To Order
Page 11
Series
Pressure Range
Calibration
Housing
Output
Grade
FPS
S025
0.1 inH2O
(25 Pa)
B
Differential
(Bidirectional)
E
FA01
SMT, 2 ports
same side
3
non-ratiometric,
3 V supply
S
High
S050
0.2 inH2O
(50 Pa)
U
Gage
(Unidirectional)
F
FA02
DIP, 2 ports
6
non-ratiometric,
5 V supply
S100
0.4 inH2O
(100 Pa)
S250
1 inH2O
(250 Pa)
S500
2 inH2O
(500 Pa)
Example:
FPS
S250
B
F
6
S
Options
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit described
herein, neither does it convey any license under its patent rights nor the rights of others.


Numéro de pièce similaire - FPSS250B

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
   1000W Front End Power Supplies
FPSS1U-P TDK-FPSS1U-P Datasheet
278Kb / 2P
   1000W Front End Power Supplies
More results

Description similaire - FPSS250B

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
   XHM SERIES PRESSURE SENSOR
logo
List of Unclassifed Man...
PSE530-M5 ETC2-PSE530-M5 Datasheet
59Kb / 1P
   Pressure Sensor Series PSE530
ZS-26-F ETC1-ZS-26-F Datasheet
681Kb / 12P
   Pressure Sensor Series PSE530
logo
Festo Corporation.
8001208 FESTO-8001208 Datasheet
100Kb / 2P
   Pressure sensor
8001224 FESTO-8001224 Datasheet
101Kb / 2P
   Pressure sensor
8001229 FESTO-8001229 Datasheet
101Kb / 2P
   Pressure sensor
8001238 FESTO-8001238 Datasheet
107Kb / 2P
   Pressure sensor
8035535 FESTO-8035535 Datasheet
107Kb / 2P
   Pressure sensor
8035538 FESTO-8035538 Datasheet
107Kb / 2P
   Pressure sensor
8035554 FESTO-8035554 Datasheet
98Kb / 2P
   Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com