Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61099YFFT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61099YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61099YFFT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61099YFFT Datasheet HTML 3Page - Texas Instruments TPS61099YFFT Datasheet HTML 4Page - Texas Instruments TPS61099YFFT Datasheet HTML 5Page - Texas Instruments TPS61099YFFT Datasheet HTML 6Page - Texas Instruments TPS61099YFFT Datasheet HTML 7Page - Texas Instruments TPS61099YFFT Datasheet HTML 8Page - Texas Instruments TPS61099YFFT Datasheet HTML 9Page - Texas Instruments TPS61099YFFT Datasheet HTML 10Page - Texas Instruments TPS61099YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Temperature (°C)
–40
10
60
125
0.9
0.95
1
1.05
1.1
D001
VIN = 3.7 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
3.304
3.306
3.308
3.31
3.312
3.314
3.316
3.318
3.32
3.322
3.324
D012
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
5
5.002
5.004
5.006
5.008
5.01
5.012
5.014
5.016
5.018
5.02
D010
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.995
0.997
0.999
1.001
1.003
1.005
1.007
1.009
VIN = 3.7 V
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
D005
VIN = 3.7 V
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
D006
VIN = 3.7 V
7
TPS61099, TPS610994, TPS610997
www.ti.com
SLVSD88C – JULY 2016 – REVISED JANUARY 2017
Product Folder Links: TPS61099 TPS610994 TPS610997
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.7 V
No Switching
Figure 7. Quiescent Current into VIN vs Temperature
VIN = 3.7 V, Into VIN and SW
Figure 8. Shutdown Current vs Temperature
TPS61099, VIN = 3.7 V
TJ = –40°C to 125°C
Figure 9. Reference Voltage vs Temperature
TPS610997, VIN= 3.7 V, TJ = –40°C to 125°C
Figure 10. Output Voltage vs Temperature
TPS610994, VIN= 2.5 V, TJ = –40°C to 125°C
Figure 11. TPS610994 Output Voltage vs Temperature
VIN = 3.7 V
TJ = –40°C to 125°C
Figure 12. Current Limit vs Temperature


Numéro de pièce similaire - TPS61099YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61099YFFT TI1-TPS61099YFFT Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFT TI1-TPS61099YFFT Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFT TI1-TPS61099YFFT Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFT TI1-TPS61099YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099YFFT TI-TPS61099YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Description similaire - TPS61099YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com