Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS610994YFFT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS610994YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610994YFFT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS610994YFFT Datasheet HTML 6Page - Texas Instruments TPS610994YFFT Datasheet HTML 7Page - Texas Instruments TPS610994YFFT Datasheet HTML 8Page - Texas Instruments TPS610994YFFT Datasheet HTML 9Page - Texas Instruments TPS610994YFFT Datasheet HTML 10Page - Texas Instruments TPS610994YFFT Datasheet HTML 11Page - Texas Instruments TPS610994YFFT Datasheet HTML 12Page - Texas Instruments TPS610994YFFT Datasheet HTML 13Page - Texas Instruments TPS610994YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
TPS61099, TPS610994, TPS610997
SLVSD88C – JULY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: TPS61099 TPS610994 TPS610997
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Soft Start
After the EN pin is tied to high voltage, the TPS61099x begins to startup. At the beginning, the device operates
at the boundary of Discontinuous Conduction Mode (DCM) and Continuous Conduction Mode (CCM), and the
inductor peak current is limited to around 200 mA during this stage. When the output voltage is charged above
approximately 1.6 V, the device starts the hysteretic current mode operation. The current limit threshold is
gradually increasing to 0.7× ILIM within 500 µs. In this way, the soft start function reduces the inrush current
during startup. After VOUT reaches the target value, soft start stage ends and the peak current is now determined
by the output of an internal error amplifier which compares the feedback of the output voltage and the internal
reference voltage.
The TPS61099x is able to start up with 0.7-V input voltage with larger than 3-k
Ω load. However, if the load during
startup is so heavy that the TPS61099x fails to charge the output voltage above 1.6 V, the TPS61099x can't start
up successfully until the input voltage is increased or the load current is reduced. The startup time depends on
input voltage and load current.
8.3.5 Current Limit Operation
The TPS61099x employs cycle-by-cycle over-current protection (OCP) function. If the inductor peak current
reaches the current limit threshold ILIM, the main switch turns off so as to stop further increase of the input
current. In this case the output voltage will decrease until the power balance between input and output is
achieved. If the output drops below the input voltage, the TPS61099x enters into Down Mode. The peak current
is still limited by ILIM cycle-by-cycle in Down Mode. If the output drops below 1.6 V, the TPS61099 enters into
startup process again. In Pass-Through operation, current limit function is not enabled.
8.3.6 Output Short-to-Ground Protection
The TPS61099x starts to limit the switch current to 200 mA when the output voltage is below 1.6 V. If short-to-
ground condition occurs, switch current is limited at 200 mA. Once the short circuit is released, the TPS61099x
goes back to soft start again and regulates the output voltage.
8.3.7 Over Voltage Protection
TPS61099x has an output over-voltage protection (OVP) to protect the device in case that the external feedback
resistor divider is wrongly populated. When the output voltage of the TPS61099 exceeds the OVP threshold of
5.8 V, the device stops switching. Once the output voltage falls 0.1 V below the OVP threshold, the device starts
operating again.
8.3.8 Down Mode Regulation and Pass-Through Operation
The TPS61099x features Down Mode and Pass-Through operation when input voltage is close to or higher than
output voltage.
In the Down Mode, output voltage is regulated at target value even when VIN > VOUT. The control circuit changes
the behavior of the rectifying PMOS by pulling its gate to input voltage instead of to ground. In this way, the
voltage drop across the PMOS is increasing as high as to regulate the output voltage. The power loss also
increases in this mode, which needs to be taken into account for thermal consideration.
In the Pass-Through operation, the boost converter stops switching. The rectifying PMOS constantly turns on
and low side switch constantly turns off. The output voltage is the input voltage minus the voltage drop across
the dc resistance (DCR) of the inductor and the on-resistance of the rectifying PMOS.
With VIN ramping up, the TPS61099x goes into Down Mode first when VIN > VOUT – 50mV. It stays in Down Mode
until VIN > VOUT + 0.3V and then goes automatically into Pass-Through operation. In the Pass-Through operation,
output voltage follows input voltage. The TPS61099x exits Pass-Through Mode and goes back to Down Mode
when VIN ramps down to 103% of the target output voltage. It stays in Down Mode until input voltage falls 100mV
below the output voltage, returning to Boost operation.


Numéro de pièce similaire - TPS610994YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS610994YFFT TI1-TPS610994YFFT Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610994YFFT TI1-TPS610994YFFT Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610994YFFT TI1-TPS610994YFFT Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610994YFFT TI1-TPS610994YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610994YFFT TI-TPS610994YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Description similaire - TPS610994YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com