Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2EGADQABCRQ1 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TDA2EGADQABCRQ1
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGADQABCRQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TDA2EGADQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 9Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 10Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 11Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 12Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 13Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 14Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 393 page
background image
11
TDA2EG
www.ti.com
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
rstoutn signal (also mapped to the PRCM SYS_WARM_OUT_RST signal).
9. IO VOLTAGE VALUE: This column describes the IO voltage value (VDDS supply).
10. POWER: The voltage supply that powers the terminal IO buffers.
11. HYS: Indicates if the input buffer is with hysteresis:
Yes: With hysteresis
No: Without hysteresis
An empty box means "Yes".
NOTE
For more information, see the hysteresis values in Section 5.7, Electrical Characteristics.
12. BUFFER TYPE: Drive strength of the associated output buffer.
NOTE
For programmable buffer strength:
The default value is given in Table 4-2.
A note describes all possible values according to the selected muxmode.
13. PULLUP / PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor.
Pullup and pulldown resistors can be enabled or disabled via software.
14. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0" or
logic "1") when the peripheral pin function is not selected by any of the PINCNTLx registers.
0: Logic 0 driven on the peripheral's input signal port.
1: Logic 1 driven on the peripheral's input signal port.
blank: Pin state driven on the peripheral's input signal port.
NOTE
Configuring two pins to the same input signal is not supported as it can yield unexpected
results. This can be easily prevented with the proper software configuration (Hi-Z mode is not
an input signal).
NOTE
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that
pad’s behavior is undefined. This should be avoided.
NOTE
Some of the EMIF1 signals have an additional state change at the release of porz. The state
that the signals change to at the release of porz is as follows:
drive 0 (OFF) for: ddr1_csn0, ddr1_ck, ddr1_nck, ddr1_casn, ddr1_rasn, ddr1_wen,
ddr1_ba[2:0], ddr1_a[15:0].
OFF for: ddr1_ecc_d[7:0], ddr1_dqm[3:0], ddr1_dqm_ecc, ddr1_dqs[3:0], ddr1_dqsn[3:0],
ddr1_dqs_ecc, ddr1_dqsn_ecc, ddr1_d[31:0].
NOTE
Dual rank support is not available on this device, but signal names are retained for
consistency with the TDA2xx family of devices.


Numéro de pièce similaire - TDA2EGADQABCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDA2EGADQABCRQ1 TI1-TDA2EGADQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Description similaire - TDA2EGADQABCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com