Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2EGADQABCRQ1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TDA2EGADQABCRQ1
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGADQABCRQ1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TDA2EGADQABCRQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 9Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 10Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 11Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 12Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 13Page - Texas Instruments TDA2EGADQABCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 393 page
background image
10
TDA2EG
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
In some cases Table 4-2 may present more than one signal name per muxmode for the
same
ball.
First
signal
in
the
list
is
the
dominant
function
as
selected
via
CTRL_CORE_PAD_* register.
All other signals are virtual functions that present alternate multiplexing options. This virtual
functions
are
controlled
via
CTRL_CORE_ALT_SELECT_MUX
or
CTRL_CORE_VIP_MUX_SELECT register. For more information on how to use this options,
please refer to Device TRM, Chapter Control Module, Section Pad Configuration Registers.
4. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0 is set, the function
mapped on the pin corresponds to the name of the pin. The primary muxmode is not necessarily
the default muxmode.
NOTE
The default mode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
5. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output
D = Open drain
DS = Differential Signaling
A = Analog
PWR = Power
GND = Ground
CAP = LDO Capacitor
6. BALL RESET STATE: The state of the terminal at power-on reset:
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated)
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated)
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
7. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal)
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated)
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated)
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated)
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
NOTE
For more information on the CORE_PWRON_RET_RST reset signal and its reset sources,
see the Power, Reset, and Clock Management / PRCM Reset Management Functional
Description section of the Device TRM.
8. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the


Numéro de pièce similaire - TDA2EGADQABCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDA2EGADQABCRQ1 TI1-TDA2EGADQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Description similaire - TDA2EGADQABCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com