Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA5614M Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA5614M
Description  Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5614M Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA5614M Datasheet HTML 1Page - Sanyo Semicon Device LA5614M Datasheet HTML 2Page - Sanyo Semicon Device LA5614M Datasheet HTML 3Page - Sanyo Semicon Device LA5614M Datasheet HTML 4Page - Sanyo Semicon Device LA5614M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No. 5238-2/5
LA5614M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICC
VCONT = 0 [V]
10
µA
Base output current
IB
10
14
18
mA
VCONT ON voltage
VC
0.6
1.2
3.4
V
ON/OFF control OFF voltage
VOFF
1.0
1.5
V
Trickle sink current
ISINK
VON = 0 [V], 27 Ω resistor between ITR and GND
50
60
mA
VBAT = 4.2 [V]
[OUT pin block]
Rise offset voltage
VOOS
3.4
3.6
3.8
V
Output "L" level voltage
VOL
0 V
≤ VBAT < 3.6 V
0
0.05
0.1VCC
V
Output "H" level voltage
VOH
VBAT = VCC
0.8VCC
VCC
V
Output gain
VOG
8.0
9.5
11.0
dB
Electrical Characteristics at Ta = 25°C, VCC = VCONT = 6 V in specified test circuit
Pd max — Ta
Ambient temperature, Ta — °C
Pin Assignment


Numéro de pièce similaire - LA5614M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results

Description similaire - LA5614M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
   QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
   Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
   QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com