Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS-BGA352A-05 Fiches technique(PDF) 1 Page - Ironwood Electronics.

No de pièce LS-BGA352A-05
Description  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA352A-05 Fiches technique(HTML) 1 Page - Ironwood Electronics.

  LS-BGA352A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2032±0.0127
2.413
5.588
FRONT VIEW
1
2
1.27 typ.
0.4826 pad
31.75
13.7825
16.3225
42.725
15.5000
16.2500
18.8625 (x8)
2.50
2.50
TOP VIEW
3
ISO View
ITEM NO.
DESCRIPTION
Material
1
Substrate
3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material.
Non-clad.
2
Pin
Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
3
#0-80 internal Thread brass
insert, Press fit
Brass
SHEET: 1 OF 1
SCALE: 2:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: 352 position SMT land pattern to terminal pins (1.27mm center, 26x26 array) -To be used with GHz sockets.
Primary dimension units are millimeters, Secondary dimension units are [inches].
LS-BGA352A-05 Drawing
STATUS: Released
ENG: ELS
File: LS-BGA352A-05 Dwg
REV. A
DATE: 03/04/2013
FINISH: N/A
MATERIAL: N/A
WEIGHT: 9.25


Numéro de pièce similaire - LS-BGA352A-05

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
LS-BGA352A-31 IRONWOOD-LS-BGA352A-31 Datasheet
36Kb / 1P
   Materials and specifications are subject to change without notice
More results

Description similaire - LS-BGA352A-05

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com