Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD623 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD623
Description  Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD623 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD623_16 Datasheet HTML 7Page - Analog Devices AD623_16 Datasheet HTML 8Page - Analog Devices AD623_16 Datasheet HTML 9Page - Analog Devices AD623_16 Datasheet HTML 10Page - Analog Devices AD623_16 Datasheet HTML 11Page - Analog Devices AD623_16 Datasheet HTML 12Page - Analog Devices AD623_16 Datasheet HTML 13Page - Analog Devices AD623_16 Datasheet HTML 14Page - Analog Devices AD623_16 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AD623
Data Sheet
Rev. E | Page 10 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
At 25°C, VS = ±5 V, and RL = 10 kΩ, unless otherwise noted.
–100 –80 –60 –40 –20
0
20
40
60
80 100 120 140
INPUT OFFSET VOLTAGE (µV)
280
0
240
200
160
80
40
120
260
220
180
140
60
20
100
300
Figure 3. Typical Distribution of Input Offset Voltage,
N-8 and R-8 Package Options
–800 –600 –400 –200
0
200
400
600
800
OUTPUT OFFSET VOLTAGE (µV)
0
480
420
360
300
240
180
120
60
Figure 4. Typical Distribution of Output Offset Voltage,
N-8 and R-8 Package Options
–80
–60
–40
–20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 5. Typical Distribution of Input Offset Voltage,
+VS = 5 V, −VS = 0 V, VREF = −0.125 V, N-8 and R-8 Package Options
–600 –500 –400 –300 –200 –100
0
100 200 300 400 500
OUTPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 6. Typical Distribution of Output Offset Voltage,
+VS = 5 V, −VS = 0 V, VREF = −0.125 V, N-8 and R-8 Package Options
–0.245 –0.240 –0.235 –0.230 –0.225 –0.220 –0.215 –0.210
INPUT OFFSET CURRENT (nA)
0
210
180
150
120
90
60
30
Figure 7. Typical Distribution for Input Offset Current,
N-8 and R-8 Package Options
–0.025 –0.020 –0.015 –0.010 –0.005
0
0.005
0.010
INPUT OFFSET CURRENT (nA)
0
20
18
16
14
12
10
8
6
4
2
Figure 8. Typical Distribution for Input Offset Current,
+VS = 5 V, −VS = 0 V, VREF = −0.125 V, N-8 and R-8 Package Options


Numéro de pièce similaire - AD623_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
More results

Description similaire - AD623_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com