Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3850G25QDRCRQ1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3850G25QDRCRQ1
Description  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850G25QDRCRQ1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS3850G25QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS3850G25QDRCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
VIT+(OV) Accuracy (%)
0
5
10
15
20
25
-0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
VIT-(UV) Accuracy (%)
0
5
10
15
20
25
-0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
10
TPS3850-Q1
SBVS264 – JANUARY 2017
www.ti.com
Product Folder Links: TPS3850-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
all curves are taken at TA = 25°C with 1.6 V ≤ VDD ≤ 6.5 V (unless otherwise noted)
Figure 4. VIT+(OV) Accuracy vs Temperature
Figure 5. VIT-(UV) Accuracy vs Temperature
Figure 6. VIT-(OV) Accuracy vs Temperature
Figure 7. VIT+(UV) Accuracy vs Temperature
Includes G and H versions; with 1.2-V, 1.8-V, 3.0-V, 3.3-V, and
5-V thresholds; total units = 41,111
Figure 8. VIT+(OV) Accuracy Histogram
Includes G and H versions; with 1.2-V, 1.8-V, 3.0-V, 3.3-V, and
5-V thresholds; total units = 41,111
Figure 9. VIT-(UV) Accuracy Histogram


Numéro de pièce similaire - TPS3850G25QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCT TI1-TPS3850G12DRCT Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCT TI1-TPS3850G12DRCT Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G18DRCR TI1-TPS3850G18DRCR Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Description similaire - TPS3850G25QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com