Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2531 Fiches technique(PDF) 10 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-2531
Description  Dual Channel, High Speed Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2531 Fiches technique(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2531 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 4. Current Transfer Ratio vs.
Temperature.
Figure 5. Propagation Delay vs.
Temperature.
Figure 6. Logic High Output Current vs.
Temperature.
Figure 8. Frequency Response.
Figure 7. Small-Signal Current Transfer
Ratio vs. Quiescent Input Current.
-50
+50
TA – TEMPERATURE – °C
10-2
-25
0
+25
+75
+100
10-1
10 0
10+1
10+2
10+3
10+4
VO = VCC = 5.0 V
IF = 0
HCPL-2531/0531/4534/0534
(R = 1.9 k
Ω)
2000
1500
1000
500
0
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
t PHL
t PLH
I = 16 mA, V
= 5.0 V
F
CC
HCPL-2530/0530 (R = 4.1 k
Ω)
L
L
f – FREQUENCY – MHz
0
-20
0.01
0.1
1.0
-25
10
-30
TA = 25°C
IF = 16 mA
-15
-10
-5
RL = 100 Ω
RL = 220 Ω
RL = 470 Ω
RL = 1 kΩ
1
2
3
4
8
7
6
5
20 k
SET IF
+5 V
AC INPUT
0.1 µF
560
100
2N3053
1.6 V dc
0.25 Vp-p ac
0.1 µF
+5 V
VO
RL
1.1
1.0
0.9
0.8
0.7
0.6
-60
-20
0
80
TA – TEMPERATURE – °C
F
CC
A
-40
20
40
60
100
O
NORMALIZED
I = 16 mA
V = 0.5 V
V
= 5 V
T = 25°C
HCPL-2530/0530
HCPL-2531/0531/4534/0534
0
0.10
0.20
0.30
0
IF – QUIESCENT INPUT CURRENT – mA
24
16
4
8
12
20
TA = 25°C, RL = 100 Ω, VCC = 5 V


Numéro de pièce similaire - HCPL-2531

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HCPL-2531 QT-HCPL-2531 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL-2531

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com