Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT4046A Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HCT4046A
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4046A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD74HCT4046A Datasheet HTML 3Page - Texas Instruments CD74HCT4046A Datasheet HTML 4Page - Texas Instruments CD74HCT4046A Datasheet HTML 5Page - Texas Instruments CD74HCT4046A Datasheet HTML 6Page - Texas Instruments CD74HCT4046A Datasheet HTML 7Page - Texas Instruments CD74HCT4046A Datasheet HTML 8Page - Texas Instruments CD74HCT4046A Datasheet HTML 9Page - Texas Instruments CD74HCT4046A Datasheet HTML 10Page - Texas Instruments CD74HCT4046A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
INH VCOIN Input
Leakage Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
R1 Range (Note 2)
-
-
-
4.5
3
-
300
-
-
-
-
k
R2 Range (Note 2)
-
-
-
4.5
3
-
300
-
-
-
-
k
C1 Capacitance
Range
--
-
3
-
-
No
Limit
--
-
-
pF
4.5
-
-
-
-
-
-
pF
6-
-
-
-
-
-
pF
VCOIN Operating
Voltage Range
-
Over the range
specified for R1 for
Linearity See Figure
10, and 34 - 37
(Note 3)
3
1.1
-
1.9
-
-
-
-
V
4.5
1.1
-
3.2
-
-
-
-
V
6
1.1
-
4.6
-
-
-
-
V
PHASE COMPARATOR SECTION
SIGIN, COMPIN
DC Coupled
High-Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
SIGIN, COMPIN
DC Coupled
Low-Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
PCPOUT, PCn OUT
High-Level Output
Voltage
CMOS Loads
VOH
VIL or VIH
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
4.5
4.4
-
-
4.4
-
4.4
-
V
6
5.9
-
-
5.9
-
5.9
-
V
PCPOUT, PCn OUT
High-Level Output
Voltage
TTL Loads
VOH
VIL or VIH
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
PCPOUT, PCn OUT
Low-Level Output
Voltage
CMOS Loads
VOL
VIL or VIH
0.02
2
-
-
0.1
-
0.1
-
0.1
V
4.5
-
-
0.1
-
0.1
-
0.1
V
6
-
-
0.1
-
0.1
-
0.1
V
PCPOUT, PCn OUT
Low-Level Output
Voltage
TTL Loads
VOL
VIL or VIH
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
SIGIN, COMPIN Input
Leakage Current
II
VCC or
GND
-2
-
-
±3-
±4-
±5
µA
3-
-
±7-
±9-
±11
µA
4.5
-
-
±18
-
±23
-
±29
µA
6-
-
±30
-
±38
-
±45
µA
PC2OUT Three-State
Off-State Current
IOZ
VIL or VIH
-6
-
-
±0.5
-
±5-
±10
µA
SIGIN, COMPIN Input
Resistance
RI
VI at Self-Bias
Operation Point:
∆VI = 0.5V,
See Figure 10
3
-
800
-
-
-
-
-
k
4.5
-
250
-
-
-
-
-
k
6
-
150
-
-
-
-
-
k
DEMODULATOR SECTION
Resistor Range
RS
at RS > 300kΩ
Leakage Current
Can Influence
VDEMOUT
3
50
-
300
-
-
-
-
k
4.5
50
-
300
-
-
-
-
k
6
50
-
300
-
-
-
-
k
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A


Numéro de pièce similaire - CD74HCT4046A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT4046A TI-CD74HCT4046A Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046A TI-CD74HCT4046A Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AE TI-CD74HCT4046AE Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AE TI-CD74HCT4046AE Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AEE4 TI-CD74HCT4046AEE4 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Description similaire - CD74HCT4046A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com