Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLN Fiches technique(PDF) 1 Page - American Electronic Components, inc

No de pièce DLN
Description  Optical Liquid Level Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEC [American Electronic Components, inc]
Site Internet  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DLN Fiches technique(HTML) 1 Page - American Electronic Components, inc

  DLN Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
DLN8651721
NPN (NO) High in Air (open collector)
DLN8651722
NPN (NC) Low in Air (open collector)
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
DLN Series
Features:
* 3/8” BSP Threaded Body
* High Output Current
* Eliminates need for intermediate
control systems
* Stainless Steel Construction
Specifications are subject to change without notice. E&OE.
DLN 010908
Drawing dimensions in millimetres
Housing (Thread, length, hex)
3/8” BSP, 90 mm, 24 mm
Max. Output Current
200 mA
Output Function
NPN (open collector)
Repeatability
± 1mm
Hysteresis
1mm depending on liquid
Response time rising liquid
50µS
Response time falling liquid (ethanol)
< 1 second
Supply Voltage (Vs)
10 to 40Vdc
Supply Current
60 mA nominal
Temperature range: operating (sensing end)
-40°C to +125°C
Housing Material
Stainless Steel, Polysulphone dome
Connection
M12 Connector
Environmental
IP67 Rated
Thermal Testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068 Part S3: 1996
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Max. Pressure
25 bar


Numéro de pièce similaire - DLN

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
DLN-R-1 COOPER-DLN-R-1 Datasheet
272Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
DLN-R-2 COOPER-DLN-R-2 Datasheet
272Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
logo
RCD COMPONENTS INC.
DLN082-1001-A RCD-DLN082-1001-A Datasheet
169Kb / 1P
   CUSTOM NETWORKS
DLN082-1001-B RCD-DLN082-1001-B Datasheet
169Kb / 1P
   CUSTOM NETWORKS
DLN082-1001-C RCD-DLN082-1001-C Datasheet
169Kb / 1P
   CUSTOM NETWORKS
More results

Description similaire - DLN

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
   Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
   Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com