Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA1521A-05 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA1521A-05
Description  Materials and specifications are subject to change without notice
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1521A-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1521A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47.73mm [1.879"]
2.50mm [0.098"]
38.00mm [1.496"]
2.74mm [0.108"]
2.54mm
[0.100"]
21.3625mm
[0.841"] (x4)
38.00mm
[1.496"]
2.36mm
[0.093"]
2.50mm
[0.098"]
5.08mm
[0.200"]
47.73mm
[1.879"]
21.3625mm [0.841"]
1.00mm typ.
[0.039"]
5.59mm
[0.220"]
2.41mm
[0.095"]
Ø 0.48mm [Ø 0.019"]
0-80 Threaded Insert
Side View
Top View
Description: Thru hole Adaptor
1521 position surface mount land pattern to terminal pins (1mm centers, 39x39 array). To be used with GHz
sockets.
Status: Released
Drawing: H. Hansen
Scale: 2:1
Rev: C
Date: 11/4/05
Modified: 11/12/09 MT/MR
File: LS-BGA1521A-05 Dwg
LS-BGA1521A-05 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
1
2
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material.
Non-clad.
1
2
RoHS
RoHS


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn