Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA1424A-05 Datasheet(Fiches technique) 2 Page - Ironwood Electronics.

Numéro de pièce LS-BGA1424A-05
Description  Primary dimension units are millimeters
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1424A-05 Datasheet(HTML) 2 Page - Ironwood Electronics.

  LS-BGA1424A-05 Datenblatt HTML 1Page - Ironwood Electronics. LS-BGA1424A-05 Datasheet HTML 2Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C14586 (SG-BGA-6430) elastomer socket
SOLD SEPARATELY!
C14587 (LS-BGA1924A-05) Male pin adapter
0-80 machine screw
Assembly instructions:
Align C14586 (SG-BGA-6430) socket assembly onto C14587 (LS-
BGA1924A-05) male pin adapter using alignment pins.
Fasten C14586 (SG-BGA-6430) socket to C14587 (LS-BGA1924A-05)
male pin adapter with 0-80 machine screws.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SG BGA socket for 45mm sq. 44x44 array 1mm pitch 1924 ball BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 07/01/2015
Material: N/A
Finish: N/A
Weight: 79.60
LS-BGA1424A-05 Drawing
SCALE: 2:1
SHEET: 2 OF 2
ENG: S. Faiz
FILE: LS-BGA1424A-05 Dwg
DRAWN BY: M. Raske


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn