Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA1424A-05 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA1424A-05
Description  Primary dimension units are millimeters
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1424A-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1424A-05 Datasheet HTML 1Page - Ironwood Electronics. LS-BGA1424A-05 Datenblatt HTML 2Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.59
2.41
0.2032 typ.
FRONT VIEW
52.725
52.725
43.00
1.00
43.00
21.125
21.50
23.8625
23.8625
2.7375
47.725
47.725
5.90 (x4)
5.90 (x4)
0.4572 (x1924 pad, ref. only)
TOP VIEW
ISO View
1:1 scale
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0254mm [±0.001"],
substrate thickness tolerance ±10%, all other tolerances ±0.127mm [±0.005"]
unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Male pin adapter for SG-BGA socket for 45mm sq. 44x44 array 1mm pitch 1924 pin BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 07/01/2015
Material: N/A
Finish: N/A
Weight: 21.85
LS-BGA1424A-05 Drawing
SCALE: 1.75:1
SHEET: 1 OF 2
ENG: S. Faiz
FILE: LS-BGA1424A-05 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn