Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA1392A-05 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA1392A-05
Description  Materials and specifications are subject to change without notice
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1392A-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1392A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2032±0.0127
5.588
2.413
3.175
FRONT VIEW
TOP VIEW
2
1
4
3
ISO TOP VIEW
50.225
5.08
20.00
45.225
1 X 45°
A1 POSITION
40.00
1.00 typ.
0.4826 pad (x1392)
19.6250
R1.60
7.90
8.50
8.25 (x2)
2.5400
ISO BOTTOM VIEW
ITEM NO. DESCRIPTION
MATERIAL
1
Substrate
High temp insulator
2
Male pin
Au over Ni plated
3
Nut
Brass
4
Mounting screw
Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: LS-BGA1392 42.5mm 41x41 array 1mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 01/27/2016
Material: N/A
Finish: N/A
Weight: 15.64
LS-BGA1392A-05 Drawing
SCALE: 1.5:1
SHEET: 1 OF 1
DRAWN BY: M. Raske
FILE: LS-BGA1392A-05 Dwg


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn