Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS-BGA1152B-05 Fiches technique(PDF) 1 Page - Ironwood Electronics.

No de pièce LS-BGA1152B-05
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1152B-05 Fiches technique(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1152B-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
Substrate: 3.18mm ±0.125mm [0.125"
±0.005"] FR4/G10 or equivalent high temp
material. Non-clad.
47.725mm
[1.879"]
52.725mm [2.076"]
2.50mm [0.098"]
2.50mm
[0.098"]
2.54mm
[0.100"]
5.08mm
[0.200"]
Ø 0.4826mm typ.
41.91mm
[1.650"]
3.2825mm [0.129"]
2.9075mm
[0.114"]
1.27mm
[0.050"]
47.725mm [1.879"]
23.8625mm [0.939"]
2
2.42mm
[0.095"]
0.20mm [0.008" ±0.0005"]
3.18mm [0.125"]
Ø 1.71mm (x8)
[Ø 0.067"]
Side View
Top View
Description: Thru hole Adaptor
1152 position surface mount land pattern to terminal pins (1.27mm centers, 34x34 array). To be used with GHz
sockets.
Status: Released
Drawing: E Smolentseva
Scale: 2:1
Rev: A
Date: 8/24/10
Modified:
File: LS-BGA1152B-05 Dwg
LS-BGA1152B-05 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
RoHS
RoHS


Numéro de pièce similaire - LS-BGA1152B-05

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
LS-BGA1152A-41 IRONWOOD-LS-BGA1152A-41 Datasheet
71Kb / 1P
   Materials and specifications are subject to change without notice
More results

Description similaire - LS-BGA1152B-05

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com