Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-BGA144L-05 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce LS-BGA144L-05
Description  Materials and specifications are subject to change without notice
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA144L-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA144L-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
1
Threaded Insert
3.18mm [0.125"]
0.80mm typ.
2.54mm [0.100"]
14.725mm
[0.580"]
8.80mm [0.346"]
19.73mm [0.777"]
3.33mm [0.131"]
2.50mm [0.098"]
8.80mm
[0.346"]
2.96mm
[0.117"]
2.50mm [0.098"]
19.73mm [0.777"]
14.725mm [0.580"]
Ø 0.4826mm typ.[Ø 0.019"]
5.59mm [0.220"]
2.41mm [0.095"]
0.20mm [0.008"]±0.0005"
2
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material. Non-clad.
5.08mm
[0.200"]
Side View
Top View
Description: Thru hole Adaptor
144 position surface mount land pattern to terminal pins (0.8mm centers, 12x12 array). To be used with GHz
sockets.
Status: Released
Drawing: Vinayak
Scale: 3:1
Rev: A
Date: 1/2/09
Modified:
File: LS-BGA144L-05 Dwg
LS-BGA144L-05 Drawing
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
M
R
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
RoHS
RoHS


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn