Moteur de recherche de fiches techniques de composants électroniques |
|
LM3705YCBP-643 Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM3705YCBP-643 Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
4 / 17 page Ordering Information 10136904 *For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office. LM3704/LM3705 Part Number Output Reset Timeout Period Package Package Marking MSOP micro SMD LM3704XCBP-308 totem-pole 200ms x %%I4 LM3704XCBPX-308 totem-pole 200ms x %%I4 LM3704XCMM-308 totem-pole 200ms x R35B LM3704XCMMX-308 totem-pole 200ms x R35B LM3705XCBP-308 totem-pole 200ms x %%I5 LM3705XCBPX-308 totem-pole 200ms x %%I5 LM3705XCMM-308 totem-pole 200ms x R36B LM3705XCMMX-308 totem-pole 200ms x R36B %% is the datecode and will vary with time. Table Of Functions Part Number Active Low Reset Active High Reset Output (X = totem-pole) (Y = open-drain) Reset Timeout Period Manual Reset Power Fail Comparator Low Line Output LM3704 x X, Y* Customized x x x LM3705 x X Customized x x x * = available upon request. Contact National www.national.com 4 |
Numéro de pièce similaire - LM3705YCBP-643 |
|
Description similaire - LM3705YCBP-643 |