Moteur de recherche de fiches techniques de composants électroniques |
|
MC14415VL Fiches technique(PDF) 4 Page - Motorola, Inc |
|
MC14415VL Fiches technique(HTML) 4 Page - Motorola, Inc |
4 / 7 page MOTOROLA CMOS LOGIC DATA 293 MC14415 Figure 2. Typical Operation Modes and Functional Timing Diagram Mode 1: OUTPUT SET Initiates Time Delay Mode 2: Set A Initiates Time Delay Mode 4: Positive–Edge Strobe (ST2) Initiates Time Delay Mode 3: OUTPUT INHIBIT Disables Time Delay INPUT DISABLE STROBE 2 STROBE 1 SET A OUTPUT SET OUTPUT INHIBIT CLOCK OUTPUT A 50% 50% 50% tPLH tPHL MINIMUM COINCIDENCE = 500 ns @ VDD = 4.75 Vdc 100 2 1 INPUT DISABLE STROBE 2 STROBE 1 SET A OUTPUT SET OUTPUT INHIBIT CLOCK OUTPUT A 50% 50% 100 2 1 tPLH tPHL MINIMUM COINCIDENCE = 500 ns @ VDD = 4.75 Vdc INPUT DISABLE STROBE 2 STROBE 1 SET A OUTPUT SET OUTPUT INHIBIT CLOCK OUTPUT A tPLH tPHL tPLH tPHL 100 2 1 50% 50% INPUT DISABLE STROBE 2 STROBE 1 SET A OUTPUT SET CLOCK OUTPUT A 1 100 50% 50% MINIMUM COINCIDENCE = 500 ns @ VDD = 4.75 Vdc tPLH tPHL 50% |
Numéro de pièce similaire - MC14415VL |
|
Description similaire - MC14415VL |