Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP49G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce TIP49G
Description  High Voltage NPN Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP49G Fiches technique(HTML) 6 Page - ON Semiconductor

  TIP49G Datasheet HTML 1Page - ON Semiconductor TIP49G Datasheet HTML 2Page - ON Semiconductor TIP49G Datasheet HTML 3Page - ON Semiconductor TIP49G Datasheet HTML 4Page - ON Semiconductor TIP49G Datasheet HTML 5Page - ON Semiconductor TIP49G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP47G, TIP48G, TIP50G
www.onsemi.com
6
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AH
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.415
9.66
10.53
C
0.160
0.190
4.07
4.83
D
0.025
0.038
0.64
0.96
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.161
2.80
4.10
J
0.014
0.024
0.36
0.61
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
TIP47/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Numéro de pièce similaire - TIP49G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TIP49G ONSEMI-TIP49G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
More results

Description similaire - TIP49G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
   High Voltage NPN Silicon Power Transistors
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com