Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIPL760B Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce TIPL760B
Description  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760B Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  TIPL760B Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Rugged Triple-Diffused Planar Construction
4 A Continuous Collector Current
Operating Characteristics Fully Guaranteed
at 100°C
1200 Volt Blocking Capability
75 W at 25°C Case Temperature
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPL760B
TIPL760C
VCBO
1100
1200
V
Collector-emitter voltage (VBE = 0)
TIPL760B
TIPL760C
VCES
1100
1200
V
Collector-emitter voltage (IB = 0)
TIPL760B
TIPL760C
VCEO
500
550
V
Emitter-base voltage
VEBO
10
V
Continuous collector current
IC
4A
Peak collector current (see Note 1)
ICM
8A
Continuous device dissipation at (or below) 25°C case temperature
Ptot
75
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Numéro de pièce similaire - TIPL760B

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
TIPL760B POINN-TIPL760B Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
More results

Description similaire - TIPL760B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com