Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3282EIRTZ-T Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL3282EIRTZ-T
Description  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EIRTZ-T Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL3282EIRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL3282EIRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
2
FN6543.4
July 27, 2015
Submit Document Feedback
Pin Configurations
ISL3280E
(5 LD SOT-23)
TOP VIEW
ISL3281E
(6 LD SOT-23)
TOP VIEW
ISL3282E
(8 LD TDFN)
TOP VIEW
ISL3283E
(6 LD SOT-23)
TOP VIEW
ISL3284E
(6 LD SOT-23)
TOP VIEW
ISL3285E
(8 LD TDFN)
TOP VIEW
VCC
GND
RO
1
2
3
5
4
A
B
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
2
3
4
1
7
6
5
8
RO
GND
NC
VCC
B
RE
VL
A
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
VCC
GND
RO
1
2
3
6
5
4
A
VL
B
R
2
3
4
1
7
6
5
8
RO
GND
NC
VCC
B
RE
VL
A
R
NO L
ONG
ER AV
AILABL
E OR
SUP
PORT
ED


Numéro de pièce similaire - ISL3282EIRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ISL3282EIRTZ-T IDT-ISL3282EIRTZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3282EIRTZ-T RENESAS-ISL3282EIRTZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Description similaire - ISL3282EIRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com