Moteur de recherche de fiches techniques de composants électroniques |
|
STK504 Fiches technique(PDF) 1 Page - ATMEL Corporation |
|
STK504 Fiches technique(HTML) 1 Page - ATMEL Corporation |
1 / 21 page Table of Contents TABLE OF CONTENTS ....................................................................1 STK504 USER GUIDE ......................................................................................... 2 Introduction............................................................................................................... 2 Features..................................................................................................................................2 Known Issues .......................................................................................................... 4 Getting Started ........................................................................................................ 5 Hardware overview .............................................................................................................5 Mounting the STK504.........................................................................................................6 Placing the AVR in the ZIF socket..................................................................................6 Running the demo application .........................................................................................7 Programming the AVR ......................................................................................... 8 In-System programming ....................................................................................................8 High-Voltage programming...............................................................................................9 JTAG programming .................................................................................................................10 STK504 Clock Sources...................................................................................... 12 The clock switch.................................................................................................................12 EXT – STK500 as clock source...............................................................................................12 LF – Low-Frequency 32kHz crystal.........................................................................................12 HF – High-Frequency crystal...................................................................................................12 Fuse settings ............................................................................................................... 13 Using the LCD ....................................................................................................... 14 Connecting to the on-board LCD ..................................................................................14 Connecting to other displays ....................................................................................... 14 Debugging with JTAGICE mkII....................................................................... 15 Connecting the JTAGICE................................................................................................15 Troubleshooting Guide....................................................................................... 16 LCD problems.....................................................................................................................16 Programming problems ............................................................................................... 16 General problems ........................................................................................................ 17 Appendix A Port Connectors.......................................................................... 18 Appendix B LCD Pinout and Segment Mapping .................................... 19 1 |
Numéro de pièce similaire - STK504 |
|
Description similaire - STK504 |