Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28023 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL28023
Description  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28023 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL28023 Datasheet HTML 1Page - Intersil Corporation ISL28023 Datasheet HTML 2Page - Intersil Corporation ISL28023 Datasheet HTML 3Page - Intersil Corporation ISL28023 Datasheet HTML 4Page - Intersil Corporation ISL28023 Datasheet HTML 5Page - Intersil Corporation ISL28023 Datasheet HTML 6Page - Intersil Corporation ISL28023 Datasheet HTML 7Page - Intersil Corporation ISL28023 Datasheet HTML 8Page - Intersil Corporation ISL28023 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ISL28023
5
FN8389.5
March 18, 2016
Submit Document Feedback
TABLE 1. DPM PORTFOLIO COMPARISON - ISL28022 vs ISL28023 vs ISL28025
DESCRIPTION
BASIC DIGITAL
POWER MONITOR
FULL FEATURE
DIGITAL POWER MONITOR
DIGITAL POWER MONITOR
IN TINY PACKAGE
PART NUMBER
ISL28022
ISL28023
ISL28025
PACKAGE
MSOP10, QFN16
QFN24
WLCSP-16
Temperature Range
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
0V to 60V Input Range
0V to 60V
Opt 1: 0V to 60V
Opt 2: 0V to 16V
Opt 1: 0V to 60V
Opt 2: 0V to 16V
ADC
16-bit
16-bit
16-bit
+25°C Gain Error
0.30%
0.25%
0.25%
Current Measure LSB Step
10µV
2.5µV
2.5µV
+25°C Offset
75µV
30µV
30µV
Primary
Differential Shunt Input
X
X
X
Channel
Independent Bus Voltage
X
X
X
LV Aux
Differential Shunt Input
X
Channel
Independent Bus Voltage
X
X
VBus LSB Step
Low Voltage Bus
0.25mV
0.25mV
High Voltage Bus
4mV
1mV/0.25mV
1mV/0.25mV
External Temperature Sensor Input
X
HV Internal Regulator (3.3VOUT)X
X
Fast OC/OV/UV Alert Outputs
2 Outputs
2 Outputs
Margin DAC
X
Internal Temperature Sensor
X
X
User Select Conversion Mode/Sample Rate
X
X
X
Peak Min/Max Current Registers
X
X
Slave Address Locations
16 Addresses
55 Addresses
55 Addresses
I2C Level Translators
XX
PMBus
XX
I2C/SMBus
X
X
X
High Speed (3.4MHz) I2C Mode
X
X
X
External Clock Input
X
X
X
Power Shutdown Mode
X
X
X


Numéro de pièce similaire - ISL28023

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
logo
Renesas Technology Corp
ISL28023EVAL1Z RENESAS-ISL28023EVAL1Z Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
More results

Description similaire - ISL28023

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com