Moteur de recherche de fiches techniques de composants électroniques |
|
74LVCH16374APAG8 Fiches technique(PDF) 3 Page - Integrated Device Technology |
|
74LVCH16374APAG8 Fiches technique(HTML) 3 Page - Integrated Device Technology |
3 / 6 page INDUSTRIALTEMPERATURERANGE IDT74LVCH16374A 3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP 3 Symbol Parameter Test Conditions Min. Typ.(1) Max. Unit VIH Input HIGH Voltage Level VCC = 2.3V to 2.7V 1.7 — — V VCC = 2.7V to 3.6V 2 — — VIL Input LOW Voltage Level VCC = 2.3V to 2.7V — — 0.7 V VCC = 2.7V to 3.6V — — 0.8 IIH Input Leakage Current VCC = 3.6V VI = 0 to 5.5V — — ±5 μA IIL IOZH High Impedance Output Current VCC = 3.6V VO = 0 to 5.5V — — ±10 μA IOZL (3-State Output pins) IOFF Input/Output Power Off Leakage VCC = 0V, VIN or VO ≤ 5.5V — — ±50 μA VIK Clamp Diode Voltage VCC = 2.3V, IIN = –18mA — –0.7 –1.2 V VH Input Hysteresis VCC = 3.3V — 100 — mV ICCL Quiescent Power Supply Current VCC = 3.6V VIN = GND or VCC —— 10 μA ICCH ICCZ 3.6 ≤ VIN ≤ 5.5V(2) —— 10 ΔICC Quiescent Power Supply Current One input at VCC - 0.6V, other inputs at VCC or GND — — 500 μA Variation DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FollowingConditionsApplyUnlessOtherwiseSpecified: Operating Condition: TA = –40°C to +85°C NOTES: 1. Typical values are at VCC = 3.3V, +25°C ambient. 2. This applies in the disabled state only. BUS-HOLDCHARACTERISTICS Symbol Parameter(1) Test Conditions Min. Typ.(2) Max. Unit IBHH Bus-HoldInputSustainCurrent VCC = 3V VI = 2V – 75 — — μA IBHL VI = 0.8V 75 — — IBHH Bus-HoldInputSustainCurrent VCC = 2.3V VI = 1.7V — — — μA IBHL VI = 0.7V — — — IBHHO Bus-Hold Input Overdrive Current VCC = 3.6V VI = 0 to 3.6V — — ±500 μA IBHLO NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25°C ambient. |
Numéro de pièce similaire - 74LVCH16374APAG8 |
|
Description similaire - 74LVCH16374APAG8 |