Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC16374APAG Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce 74LVC16374APAG
Description  3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16374APAG Fiches technique(HTML) 6 Page - Integrated Device Technology

  74LVC16374APAG Datasheet HTML 1Page - Integrated Device Technology 74LVC16374APAG Datasheet HTML 2Page - Integrated Device Technology 74LVC16374APAG Datasheet HTML 3Page - Integrated Device Technology 74LVC16374APAG Datasheet HTML 4Page - Integrated Device Technology 74LVC16374APAG Datasheet HTML 5Page - Integrated Device Technology 74LVC16374APAG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC16374A
3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP
ORDERING INFORMATION
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PAG
16
74
Thin Shrink Small Outline Package - Green
16-Bit Edge-Triggered D-Type Flip-Flop
with 3-State Outputs, 5 Volt Tolerant I/O
-40°C to +85°C
XXX
Family
Bus-Hold
374A
No Bus-hold
Double-Density, ±24mA
Blank
X
Blank
8
Tube or Tray
Tape and Reel
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEETDOCUMENTHISTORY
08/20/2015
Pg. 6
Updated the ordering information by removing SSOP, TVSOP, non RoHS parts and adding Tape and Reel information.


Numéro de pièce similaire - 74LVC16374APAG

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74LVC16374APAG RENESAS-74LVC16374APAG Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
74LVC16374APAG8 RENESAS-74LVC16374APAG8 Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
More results

Description similaire - 74LVC16374APAG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74ALVCH16374 IDT-IDT74ALVCH16374 Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
logo
Texas Instruments
SN74LVCH32374A TI1-SN74LVCH32374A_16 Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Integrated Device Techn...
IDT74LVCH162374A IDT-IDT74LVCH162374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP
logo
Renesas Technology Corp
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Integrated Device Techn...
IDT74LVCH16374A IDT-IDT74LVCH16374A_15 Datasheet
220Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com