Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28PCIE25 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SL28PCIE25
Description  Integrated voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE25 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SL28PCIE25 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 9Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 10Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 11Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 12Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 13Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 10 of 16
IIH
Input High Leakage Current
Except internal pull-down resistors, 0 < VIN <
VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0 < VIN < VDD
–5
A
VOH
3.3V Output High Voltage (SE) IOH = –1 mA
2.4
V
VOL
3.3V Output Low Voltage (SE) IOL = 1 mA
0.4
V
IOZ
High-impedance Output
Current
–10
10
A
CIN
Input Pin Capacitance
1.5
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Pin Inductance
7
nH
IDD_PD
Power Down Current
1
mA
IDD_3.3V
Dynamic Supply Current
All outputs enabled. Differential clocks with 7”
traces 2pF load.
–65
mA
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit


Numéro de pièce similaire - SL28PCIE25

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALC SILABS-SL28PCIe26ALC Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALCT SILABS-SL28PCIe26ALCT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALI SILABS-SL28PCIe26ALI Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALIT SILABS-SL28PCIe26ALIT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
More results

Description similaire - SL28PCIE25

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NTE Electronics
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
NTE Electronics
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com