Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si53320-B-GT Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce Si53320-B-GT
Description  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53320-B-GT Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button Si53320-B-GT Datasheet HTML 5Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 6Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 7Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 8Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 9Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 10Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 11Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 12Page - Silicon Laboratories Si53320-B-GT Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Note:
For Si53320/21/22/23/25/26, VDDXX = VDD = 3.3 V, 2.5 V
For Si53327/28, VDDXX = VDDOA or VDDOB = 3.3 V, 2.5 V
Si5332x
VDDXX
Q
Qb
Si5332x
VDDXX
Q
Qb
AC Coupled LVPECL Output Termination Scheme 1
R1
VDDO
R2
R1
R2
50
50
VBIAS = VDD – 1.3 V
R1 // R2 = 50 Ohm
Rb
Rb
0.1 uF
0.1 uF
LVPECL
Receiver
VDD = 3.3 V or 2.5 V
3.3 V LVPECL: R1 = 82.5 Ohm; R2 = 127 Ohm; Rb = 120 Ohm
2.5 V LVPECL: R1 = 62.5 Ohm; R2 = 250 Ohm; Rb = 90 Ohm
2.5 V LVPECL: Rb = 90 Ohm
50
50
Rb
Rb
0.1 uF
AC Coupled LVPECL Output Termination Scheme 2
0.1 uF
LVPECL
Receiver
50
3.3 V LVPECL: Rb = 120 Ohm
VBIAS = VDD – 1.3 V
50
VDD = 3.3 V or 2.5 V
Figure 2.7. LVPECL AC Output Terminations
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 8


Numéro de pièce similaire - Si53320-B-GT

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53320-B-GT SKYWORKS-SI53320-B-GT Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Description similaire - Si53320-B-GT

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com