Moteur de recherche de fiches techniques de composants électroniques |
|
Si8641BA-B-IU Fiches technique(PDF) 2 Page - Silicon Laboratories |
|
Si8641BA-B-IU Fiches technique(HTML) 2 Page - Silicon Laboratories |
2 / 42 page 1. Ordering Guide Table 1.1. Ordering Guide for Valid OPNs1, 2 Ordering Part Number (OPN) Number of Inputs VDD1 Side Number of Inputs VDD2 Side Max Data Rate (Mbps) Default Output State Isolation Rating (kV) Temp (°C) Package Si8640BA-B-IU 4 0 150 Low 1.0 –40 to 125 °C QSOP-16 Si8640BB-B-IS1 4 0 150 Low 2.5 –40 to 125 °C NB SOIC-16 Si8640BB-B-IS 4 0 150 Low 2.5 –40 to 125 °C WB SOIC-16 Si8640BC-B-IS1 4 0 150 Low 3.75 –40 to 125 °C NB SOIC-16 Si8640EC-B-IS1 4 0 150 High 3.75 –40 to 125 °C NB SOIC-16 Si8640BD-B-IS 4 0 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8640ED-B-IS 4 0 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8641BA-B-IU 3 1 150 Low 1.0 –40 to 125 °C QSOP-16 Si8641BA-C-IU 3 1 150 Low 1.0 –40 to 125 °C QSOP-16 Si8641BB-B-IU 3 1 150 Low 2.5 –40 to 125 °C QSOP-16 Si8641BB-B-IS1 3 1 150 Low 2.5 –40 to 125 °C NB SOIC-16 Si8641BB-B-IS 3 1 150 Low 2.5 –40 to 125 °C WB SOIC-16 Si8641BC-B-IS1 3 1 150 Low 3.75 –40 to 125 °C NB SOIC-16 Si8641EC-B-IS1 3 1 150 High 3.75 –40 to 125 °C NB SOIC-16 Si8641BD-B-IS 3 1 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8641ED-B-IS 3 1 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8642BA-B-IU 2 2 150 Low 1.0 –40 to 125 °C QSOP-16 Si8642BA-C-IU 2 2 150 Low 1.0 –40 to 125 °C QSOP-16 Si8642EA-B-IU 2 2 150 High 1.0 –40 to 125 °C QSOP-16 Si8642BB-B-IS1 2 2 150 Low 2.5 –40 to 125 °C NB SOIC-16 Si8642BB-B-IS 2 2 150 Low 2.5 –40 to 125 °C WB SOIC-16 Si8642BC-B-IS1 2 2 150 Low 3.75 –40 to 125 °C NB SOIC-16 Si8642EC-B-IS1 2 2 150 High 3.75 –40 to 125 °C NB SOIC-16 Si8642BD-B-IS 2 2 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8642ED-B-IS 2 2 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8645BA-B-IU 4 0 150 Low 1.0 –40 to 125 °C QSOP-16 Si8645BA-C-IU 4 0 150 Low 1.0 –40 to 125 °C QSOP-16 Si8645BB-B-IU 4 0 150 Low 2.5 –40 to 125 °C QSOP-16 Si8645BB-B-IS1 4 0 150 Low 2.5 –40 to 125 °C NB SOIC-16 Si8645BB-B-IS 4 0 150 Low 2.5 –40 to 125 °C WB SOIC-16 Si8645BC-B-IS1 4 0 150 Low 3.75 –40 to 125 °C NB SOIC-16 Si8645BD-B-IS 4 0 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si864x Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Rev. 2.0 | 1 |
Numéro de pièce similaire - Si8641BA-B-IU |
|
Description similaire - Si8641BA-B-IU |