Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI863X Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI863X
Description  Industrial automation systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI863X Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI863X Datasheet HTML 1Page - Silicon Laboratories SI863X Datasheet HTML 2Page - Silicon Laboratories SI863X Datasheet HTML 3Page - Silicon Laboratories SI863X Datasheet HTML 4Page - Silicon Laboratories SI863X Datasheet HTML 5Page - Silicon Laboratories SI863X Datasheet HTML 6Page - Silicon Laboratories SI863X Datasheet HTML 7Page - Silicon Laboratories SI863X Datasheet HTML 8Page - Silicon Laboratories SI863X Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Si8630/31/35 Data Sheet
Low-Power Triple-Channel Digital Isolators
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering sub-
stantial data rate, propagation delay, power, size, reliability, and external BOM advantag-
es over legacy isolation technologies. The operating parameters of these products re-
main stable across wide temperature ranges and throughout device service life for ease
of design and highly uniform performance. All device versions have Schmitt trigger inputs
for high noise immunity and only require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve propagation delays of
less than 10 ns. Enable inputs provide a single point control for enabling and disabling
output drive. Ordering options include a choice of isolation ratings (2.5, 3.75 and 5 kV)
and a selectable fail-safe operating mode to control the default output state during power
loss. All products are safety certified by UL, CSA, VDE, and CQC, and products in wide-
body packages support reinforced insulation withstanding up to 5 kVRMS.
Applications
• Industrial automation systems
• Medical electronics
• Hybrid electric vehicles
• Isolated switch mode supplies
• Isolated ADC, DAC
• Motor control
• Power inverters
• Communications systems
Safety Regulatory Approvals
• UL 1577 recognized
• Up to 5000 VRMS for 1 minute
• CSA component notice 5A approval
• IEC 60950-1, 61010-1, 60601-1 (reinforced insulation)
• VDE certification conformity
• Si863xxT options certified to reinforced VDE 0884-10
• All other options certified to IEC 60747-5-5 and reinforced 60950-1
• CQC certification approval
• GB4943.1
KEY FEATURES
• High-speed operation
• DC to 150 Mbps
• No start-up initialization required
• Wide Operating Supply Voltage
• 2.5–5.5 V
• Up to 5000 VRMS isolation
• Reinforced VDE 0884-10, 10 kV surge-
capable (Si863xxT)
• 60-year life at rated working voltage
• High electromagnetic immunity
• Ultra low power (typical)
5 V Operation
• 1.6 mA per channel at 1 Mbps
• 5.5 mA per channel at 100 Mbps
2.5 V Operation
• 1.5 mA per channel at 1 Mbps
• 3.5 mA per channel at 100 Mbps
• Tri-state outputs with ENABLE
• Schmitt trigger inputs
• Selectable fail-safe mode
• Default high or low output (ordering
option)
• Precise timing (typical)
• 10 ns propagation delay
• 1.5 ns pulse width distortion
• 0.5 ns channel-channel skew
• 2 ns propagation delay skew
• 5 ns minimum pulse width
• Transient Immunity 50 kV/µs
• AEC-Q100 qualification
• Wide temperature range
• –40 to 125 °C
• RoHS-compliant packages
• SOIC-16 wide body
• SOIC-16 narrow body
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.8


Numéro de pièce similaire - SI863X

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
SI8630 SILABS-SI8630 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8630AB-AS SILABS-SI8630AB-AS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630AB-AS SKYWORKS-SI8630AB-AS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
More results

Description similaire - SI863X

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
   Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com