Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BDW1T3G Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce BC847BDW1T3G
Description  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BDW1T3G Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button BC847BDW1T3G Datasheet HTML 3Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 4Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 5Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 6Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 7Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 8Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 9Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 10Page - ON Semiconductor BC847BDW1T3G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BC846BDW1, BC847BDW1, BC848CDW1
www.onsemi.com
7
TYPICAL CHARACTERISTICS − BC848CDW1
0
100
200
300
400
500
600
700
800
900
1000
0.0001
0.001
0.01
0.1
1
IC, COLLECTOR CURRENT (A)
Figure 23. DC Current Gain at VCE = 5 V
VCE = 5 V
150
°C
25
°C
−55
°C
0
100
200
300
400
500
600
700
800
900
1000
0.0001
0.001
0.01
0.1
1
VCE = 10 V
150
°C
25
°C
−55
°C
IC, COLLECTOR CURRENT (A)
Figure 24. DC Current Gain at VCE = 10 V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 25. VCE at IC/IB = 10
150
°C
25
°C
−55
°C
IC/IB = 10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 26. VCE at IC/IB = 20
IC/IB = 20
150
°C
−55
°C
25
°C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 27. VBE(sat) at IC/IB = 10
IC/IB = 10
150
°C
25
°C
−55
°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 28. VBE(sat) at IC/IB = 20
IC/IB = 20
150
°C
25
°C
−55
°C


Numéro de pièce similaire - BC847BDW1T3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BDW1T3G ONSEMI-BC847BDW1T3G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC847BDW1T3G ONSEMI-BC847BDW1T3G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
More results

Description similaire - BC847BDW1T3G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com