Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BDW1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BC847BDW1
Description  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BDW1 Fiches technique(HTML) 1 Page - ON Semiconductor

  BC847BDW1 Datasheet HTML 1Page - ON Semiconductor BC847BDW1 Datasheet HTML 2Page - ON Semiconductor BC847BDW1 Datasheet HTML 3Page - ON Semiconductor BC847BDW1 Datasheet HTML 4Page - ON Semiconductor BC847BDW1 Datasheet HTML 5Page - ON Semiconductor BC847BDW1 Datasheet HTML 6Page - ON Semiconductor BC847BDW1 Datasheet HTML 7Page - ON Semiconductor BC847BDW1 Datasheet HTML 8Page - ON Semiconductor BC847BDW1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2016 − Rev. 11
1
Publication Order Number:
BC846BDW1T1/D
BC846BDW1, BC847BDW1,
BC848CDW1
Dual General Purpose
Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT−363/SC−88 which is
designed for low power surface mount applications.
Features
S and NSV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector − Emitter Voltage
VCEO
65
45
30
V
Collector − Base Voltage
VCBO
80
50
30
V
Emitter − Base Voltage
VEBO
6.0
6.0
5.0
V
Collector Current −
Continuous
IC
100
100
100
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR− 5 Board (Note 1)
TA = 25°C
Derate Above 25
°C
PD
380
250
3.0
mW
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
328
°C/W
Junction and Storage Temperature
Range
TJ, Tstg
− 55 to +150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOT−363/SC−88
CASE 419B
STYLE 1
MARKING DIAGRAM
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
1x = Specific Device Code
x
= B, F, G, L
M = Date Code
G = Pb−Free Package
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
1x M
G
G
1
6


Numéro de pièce similaire - BC847BDW1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BDW1T1 ONSEMI-BC847BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC847BDW1T1 ETL-BC847BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
More results

Description similaire - BC847BDW1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com