Moteur de recherche de fiches techniques de composants électroniques |
|
SI86XX Fiches technique(PDF) 1 Page - Silicon Laboratories |
|
SI86XX Fiches technique(HTML) 1 Page - Silicon Laboratories |
1 / 52 page Rev. 1.0 6/15 Copyright © 2015 by Silicon Laboratories Si86xx Si86xx 1M BPS, 2.5 KVRMS D IGITAL I SOLATORS Features Applications Safety Regulatory Approvals Description Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering substantial data rate, propagation delay, power, size, reliability, and external BOM advantages over legacy isolation technologies. The operating parameters of these products remain stable across wide temperature ranges and throughout device service life for ease of design and highly uniform performance. All device versions have Schmitt trigger inputs for high noise immunity and only require VDD bypass capacitors. All products support Data rates up to 1 Mbps and Enable inputs which provide a single point control for enabling and disabling output drive. All products are safety certified by UL, CSA, VDE, and CQC and support withstand ratings up to 2.5 kVRMS. High-speed operation DC to 1 Mbps No start-up initialization required Wide Operating Supply Voltage 2.5–5.5 V Up to 2500 VRMS isolation 60-year life at rated working voltage High electromagnetic immunity Ultra low power (typical) 5 V Operation 1.6 mA per channel at 1 Mbps 2.5 V Operation 1.5 mA per channel at 1 Mbps Tri-state outputs with ENABLE Schmitt trigger inputs Transient Immunity 50 kV/µs AEC-Q100 qualification Wide temperature range –40 to 125 °C RoHS-compliant packages SOIC-16 wide body SOIC-16 narrow body SOIC-8 narrow body Industrial automation systems Medical electronics Hybrid electric vehicles Isolated switch mode supplies Isolated ADC, DAC Motor control Power inverters Communication systems UL 1577 recognized Up to 2500 VRMS for 1 minute CSA component notice 5A approval IEC 60950-1, 61010-1 VDE certification conformity IEC 60747-5-2 (VDE0884 Part 2) CQC certification approval GB4943.1 Ordering Information: See page 38. |
Numéro de pièce similaire - SI86XX |
|
Description similaire - SI86XX |