Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA204S-500F Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BTA204S-500F
Description  Three quadrant triacs guaranteed commutation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204S-500F Fiches technique(HTML) 6 Page - NXP Semiconductors

  BTA204S-500F Datasheet HTML 1Page - NXP Semiconductors BTA204S-500F Datasheet HTML 2Page - NXP Semiconductors BTA204S-500F Datasheet HTML 3Page - NXP Semiconductors BTA204S-500F Datasheet HTML 4Page - NXP Semiconductors BTA204S-500F Datasheet HTML 5Page - NXP Semiconductors BTA204S-500F Datasheet HTML 6Page - NXP Semiconductors BTA204S-500F Datasheet HTML 7Page - NXP Semiconductors BTA204S-500F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
December 1998
6
Rev 1.000
Philips Semiconductors
Product specification
Three quadrant triacs
guaranteed commutation
BTA204S series D, E and F
BTA204M series D, E and F
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.1 g
Fig.12. SOT428 : centre pin connected to tab.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.13. SOT428 : minimum pad sizes for surface mounting.
Notes
1. Plastic meets UL94 V0 at 1/8".
6.22 max
2.38 max
0.93 max
6.73 max
0.3
10.4 max
0.5
0.8 max
(x2)
2.285 (x2)
0.5
seating plane
1.1
0.5 min
5.4
4 min
4.6
1
2
3
tab
7.0
7.0
2.15
2.5
4.57
1.5


Numéro de pièce similaire - BTA204S-500F

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA204S-500B PHILIPS-BTA204S-500B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500C PHILIPS-BTA204S-500C Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
More results

Description similaire - BTA204S-500F

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com