Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-MBL110S Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CD-MBL110S
Description  RoHS compliant*
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL110S Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CD-MBL110S Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL110S Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL110S Datasheet HTML 3Page - Bourns Electronic Solutions CD-MBL110S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
1.2
0.01
10.0
1.0
0.10
0.6
0.8
1.0
0.4
0.2
0
50
175
150
125
025
60HzResistive
orInductiveLoad
100
75
AmbientTemperature(°C)
100
020406080
100
140
120
PercentofRatedPeakReverseVoltage(%)
TJ=25°C
TJ=100°C
0.10
0.01
0.0
0.6
0.2
0.8
0.4
1.3
1.2
1.0
InstantaneousForwardVoltage(Volts)
1.00
40
15
20
25
30
35
10
5
0
1
10
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
(JEDECMethod)
TJ=25°C
PulseWidth=300µS
1
10
100
0.1
0.2 0.4
12
4102040
100
ReverseVoltage(Volts)
TJ=25°C
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferent
applicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-MBL1xxSSurfaceMountBridgeRectifierDiode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Forward Characteristics
Typical Junction Capacitance
Reverse Characteristics


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn