Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-HD2006 Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CD-HD2006
Description  RoHS compliant*
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD2006 Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CD-HD2006 Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD2006 Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD2006 Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD2006 Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD2006 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Forward Characteristics
1.5
2.5
0.5
1.0
2.0
0
1.5
2.5
0.5
1.0
2.0
0
150
125
100
02575
50
Ambient Temperature (°C)
150
125
100
02575
50
Ambient Temperature (°C)
10.00
0.10
0.01
0
0.3
0.1
0.4
0.2
1.0
0.7 0.8 0.9
0.6
0.5
Instantaneous Forward Voltage (Volts)
1.00
TA = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2006L
CD-HD201L
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
CD-HD2006L
CD-HD201L
CD-HD2004
CD-HD2006
CD-HD201
0
0.3
0.1
0.4
0.2
0.8
0.7
0.6
0.5
Instantaneous Forward Voltage (Volts)
10.00
0.10
0.01
1.00
TA = 25 °C
CD-HD2006L
CD-HD201L
0.001
0.01
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 100 °C
0.0001
0.0001
0.01
0.001
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
CD-HD2006L
TJ = 100 °C
CD-HD2006L
TJ = 25 °C
CD-HD201L
TJ = 100 °C
CD-HD201L
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
0
200
500
1000
3000
0.1
110
100
Reverse Voltage (Volts)
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
CD-HD2006L
CD-HD201L


Numéro de pièce similaire - CD-HD2006

FabricantNo de pièceFiches techniqueDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
CD-HD2006 BOURNS-CD-HD2006 Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2006 BOURNS-CD-HD2006 Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
CD-HD2006L BOURNS-CD-HD2006L Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2006L BOURNS-CD-HD2006L Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
More results

Description similaire - CD-HD2006

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
Assmann Electronics Inc.
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
International Rectifier
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
Littelfuse
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
Everlight Electronics Co., Ltd
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
Pulse A Technitrol Company
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
   ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
More results


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz