Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-HD2004L Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce CD-HD2004L
Description  RoHS compliant*
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD2004L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD-HD2004L Datenblatt HTML 1Page - Bourns Electronic Solutions CD-HD2004L Datenblatt HTML 2Page - Bourns Electronic Solutions CD-HD2004L Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD2004L Datenblatt HTML 4Page - Bourns Electronic Solutions CD-HD2004L Datenblatt HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Reverse Characteristics
Typical Junction Capacitance
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Rating and Characteristic Curves
1.5
2.5
0.5
1.0
2.0
0
1.5
2.5
0.5
1.0
2.0
0
150
125
100
02575
50
Ambient Temperature (°C)
150
125
100
02575
50
Ambient Temperature (°C)
10.00
0.10
0.01
0
0.3
0.1
0.4
0.2
1.0
0.7 0.8 0.9
0.6
0.5
Instantaneous Forward Voltage (Volts)
1.00
TA = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2006L
CD-HD201L
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
CD-HD2006L
CD-HD201L
CD-HD2004
CD-HD2006
CD-HD201
0
0.3
0.1
0.4
0.2
0.8
0.7
0.6
0.5
Instantaneous Forward Voltage (Volts)
10.00
0.10
0.01
1.00
TA = 25 °C
CD-HD2006L
CD-HD201L
0.001
0.01
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 100 °C
0.0001
0.0001
0.01
0.001
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
CD-HD2006L
TJ = 100 °C
CD-HD2006L
TJ = 25 °C
CD-HD201L
TJ = 100 °C
CD-HD201L
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
0
200
500
1000
3000
0.1
110
100
Reverse Voltage (Volts)
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
CD-HD2006L
CD-HD201L


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn