Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-HD2004L Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CD-HD2004L
Description  RoHS compliant*
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD2004L Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CD-HD2004L Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD2004L Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD2004L Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD2004L Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD2004L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
RoHScompliant*
n
Lowpowerlossandhighefficiency
n
Highcurrentcapability
n
Lowprofilepackage
Applications
n
ACoperatedproducts
n
Computermonitors
n
Set-topboxes
n
Cablemodems
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
The markets of portable communications, computing and video equipment are challenging the
semiconductor industry to develop increasingly smaller electronic components.
Bourns offers Schottky Bridge Rectifier Diodes for rectification applications in a compact chip
package 0.24 ˝ x 0.19 ˝ size format, which offers PCB real estate savings and are considerably
smaller than standard parts. The Schottky Bridge Rectifier Diodes offer a forward
current of 2 A with a choice of repetitive peak reverse voltages between 40 V and 100 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-HD2x(L)
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 2 A
CD-HD2004
0.49
0.5
V
CD-HD2006
0.60
0.70
CD-HD201
0.75
0.85
CD-HD2006L
0.50
0.55
CD-HD201L
0.74
0.80
Repetitive Peak Reverse Current
IRRM VR = VRRM
TA = +25 °C
CD-HD2004
0.025
0.20
mA
CD-HD2006
0.025
0.20
CD-HD201
0.025
0.20
CD-HD2006L
0.03
0.2
CD-HD201L
0.001
0.10
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz CD-HD2x(L)x
250
pF
Thermal Resistance, Junction to Air
Rth(JA)
Junction to
Ambient
(NOTE 1)
CD-HD2004
110
°C / W
CD-HD2006
110
CD-HD201
110
CD-HD2006L
110
CD-HD201L
146
Thermal Resistance, Junction to Lead
Rth(JC)
Junction to
Lead
(NOTE 1)
CD-HD2004
15
°C / W
CD-HD2006
15
CD-HD201
15
CD-HD2006L
15
CD-HD201L
30
NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
HD2004
HD2006
HD201
HD2006L
HD201L
Maximum Repetitive
Peak Reverse Voltage
VRRM
40
60
100
60
100
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
2.0
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
50.0
60.0
A
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +125
°C
4
1
+
3
~
2
~


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn